sw t ichingthesmartway ms-320-3 contact rating max. 10 switching current max. 0.7 operating temperature -20 ms-320-3 carry current max. switching voltage max. breakdown voltage min. total resistance max. (initial) snap-fit miniature reed sensor environmental characteristics contact form a 180 130 1 200 200 vdc vac w / va a a vdc m ? 85 to + c insulation resistance min. 9 switching frequency max. 500 resonant frequency typ. 5000 operate time max. (incl. bounce) 0.5 release time max. 0.3 vibration 20 shock 100 10 ? drop out min. 4 pull in range available test coil magnetical characteristics (of unmodified reed switch) 10 - 25 010 at at test equipment tolerance 2 tc at hz hz ms ms g g ? pic gmbh @ 25 c features approvals packing unit 50 weight per piece 3.1 weight per package 165 ordering example ms-320-3-2 describes ms-320-3 with 15 to 20 at. g g pcs standard at ranges dimensions in mm operating characteristics (of unmodified reed switch) @ 25 c electrical characteristics @ 25 c ordering information (50-2000 hz) (1/2 sin 11 ms) compact size easily mountable and removable as no tools or screws required various sensitivity ranges available customized types available 10 15 to at 1 = 15 20 to at 2 = 20 25 to at 3 = pic proximity instrumentation controls kontaktbauelemente gmbh phone +49 911 99 59 06-0 fax +49 911 99 59 06-99 rev.: 1.4 ms3203_ds_e_1.4 page 1 of 2 nibelungenstr. 5 a 90530 wendelstein, germany info@pic-gmbh.com www.pic-gmbh.com
sw t ichingthesmartway ms-320-3 remarks when mounted onto ferromagnetic parts switching distance of may reduce. electromagnetical influences and magnetic fields may change the switching behaviour of the sensor. ms-320-3 matching actuator msm-320 available as well. ms-320-3 snap-fit miniature reed sensor test coil 320 tc- test programs test procedure of final reed sensor test parameters material information at range test program 1 ms-320-3 1 = - 2 ms-320-3 2 = - 3 ms-320-3 3 = - material colour housing pa-gf black cable ul 1061, awg 22, 4 mm stripped and tinned black potting compound epoxy black test coil placed in vertical position reed sensor aligns with bottom line reed sensor positioned in corner of test coil pic proximity instrumentation controls kontaktbauelemente gmbh phone +49 911 99 59 06-0 fax +49 911 99 59 06-99 rev.: 1.4 ms3203_ds_e_1.4 page 2 of 2 nibelungenstr. 5 a 90530 wendelstein, germany info@pic-gmbh.com www.pic-gmbh.com
|